Part Number Hot Search : 
LT5581 UMB10NTN P6KE200C S1011 TCLLZ13V FX836 CY24206 D1664
Product Description
Full Text Search
 

To Download HMC392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v00.1002
MICROWAVE CORPORATION
HMC392
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Features
Gain: 15.5 dB Noise Figure: 2.4 dB Single Supply Voltage: +5.0V 50 Ohm Matched Input/Output No External Components Required Small Size: 1.3 mm x 1.0 mm x 0.1 mm
1
AMPLIFIERS - CHIP
Typical Applications
The HMC392 is ideal for use as a low noise amplifier for: * Point to Point Radios * VSAT * LO Driver for HMC Mixers * Military EW, ECM, C3I * Space
Functional Diagram
General Description
The HMC392 is a GaAs MMIC Low Noise Amplifier die which operates between 3.5 and 7.0 GHz. The amplifier provides 15.5 dB of gain, 2.4 dB noise figure, and 28 dBm IP3 from a +5.0V supply voltage. The HMC392 has six bonding adjustment options which allow the user to select the bias point and output power of the device (+15 to +18 dBm). The HMC392 amplifier can easily be integrated into Multi-Chip-Modules (MCMs) due to its small (1.3 mm2) size. All data is with the chip in a 50 Ohm test fixture connected via 0.025mm (1 mil) diameter wire bonds of minimal length 0.31mm (12 mils).
Electrical Specifications, TA = +25 C, Vdd = 5V
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current (Idd) 25 13 13 Min. Typ. 4.0 - 6.0 15.5 0.018 2.4 15 15 16 18 28 50 23 12 0.025 3.0 11.5 Max. Min. Typ. 3.5 - 7.0 14 0.018 2.8 10 10 16 18 28 50 0.025 3.4 Max. Units GHz dB dB/ C dB dB dB dBm dBm dBm mA
Note: Data taken with pads PS4 and PS8 bonded to ground (state 5) unless otherwise noted.
1 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.1002
MICROWAVE CORPORATION
HMC392
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
GaAs MMIC SUB-HARMONICALLY Gain vs. Temperature PUMPED MIXER Broadband Gain & Return Loss
20 15 10
RESPONSE (dB)
S21 S11 S22
17 - 25 GHz
5 0 -5 -10 -15 -20 -25 2 3 4 5
+25C +85C -55C
6
7
8
9
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
FREQUENCY (GHz)
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0
+25C +85C -55C
Output Return Loss vs. Temperature
0
+25C +85C -55C
-5
RETURN LOSS (dB)
-5
RETURN LOSS (dB)
-10
-10
-15
-15
-20
-20
-25 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
-25 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
Noise Figure vs. Temperature
5 4.5 4
NOISE FIGURE (dB)
Reverse Isolation vs. Temperature
0 -10
ISOLATION (dB)
+25C +85C -55C
3.5 3 2.5 2 1.5 1 0.5 0 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -55C
-20 -30 -40 -50 -60 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 31
AMPLIFIERS - CHIP
20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5
1
GAIN (dB)
v00.1002
MICROWAVE CORPORATION
HMC392
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
1
AMPLIFIERS - CHIP
P1dB vs. Temperature
22 21 20 19
P1dB (dBm)
Psat vs. Temperature
22 21 20 19
Psat (dBm)
+25C +85C -55C
18 17 16 15 14 13 12 11 10 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
18 17 16 15 14 13 12 11 10 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -55C
Output IP3 vs. Temperature
32 31 30 29
OIP3 (dBm)
Gain, Noise Figure & Power vs. Supply Voltage @ 5.5 GHz
20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 4.5 Gain (dB), Noise Figure (dB), P1dB (dBm)
28 27 26 25 24 23 22 21 20 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -55C
Gain Noise Figure P1dB
4.75
5 Vs (Vdc)
5.25
5.5
P1dB vs. Power Select State
22 21 20 19
P1dB (dBm)
Gain & Noise Figure vs. Power Select State
18 16
GAIN, NOISE FIGURE (dB)
14 12 10 8 6 4 2 0
Gain State 1 Gain State 2 Gain State 3 Gain State 4 Gain State 5 Gain State 6 NF State 1 NF State 2 NF State 3 NF State 4 NF State 5 NF State 6
18 17 16 15 14 13 12 11 10 3.5 4 4.5 5 5.5
State 1 Idd=75mA State 2 Idd=62mA State 3 Idd=55mA State 4 Idd=65mA State 5 Idd=50mA State 6 Idd=46mA
6
6.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
FREQUENCY (GHz)
FREQUENCY (GHz)
1 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.1002
MICROWAVE CORPORATION
HMC392
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) RF Input Power (RFin)(Vdd = +5.0 Vdc) Channel Temperature Continuous Pdiss (T= 85 C) (derate 8.125 mW/C above 85 C) Thermal Resistance (channel to die bottom) Storage Temperature Operating Temperature +7.0 Vdc +15 dBm 175 C 0.731 W
Typical Supply Current vs. Vdd
Vdd (Vdc) +4.5 +5.0 +5.5 (State 5 Depicted) Idd (mA) 49 50 51
1
AMPLIFIERS - CHIP
1 - 33
123 C/W -65 to +150 C -55 to +85 C
Outline Drawing
NOTES: 1. ALL DIMENSIONS IN INCHES [MILLIMETERS] 2. ALL TOLERANCES ARE 0.001 (0.025) 3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND 4. BOND PADS ARE 0.004 (0.100) SQUARE 5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150) 6. BACKSIDE METALLIZATION: GOLD 7. BOND PAD METALLIZATION: GOLD
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.1002
MICROWAVE CORPORATION
HMC392
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
1
AMPLIFIERS - CHIP
Pad Descriptions
Pad Number 2 Function RF IN Description This pad is AC coupled and matched to 50 Ohms from 3.5 to 7.0 GHz. Interface Schematic
Power Select 3 4 PS3 PS4 One of these pads must be connected to ground. See Power Select Table for selection criteria.
Power Select 7 8 9 PS7 PS8 PS9 One of these pads must be connected to ground. See Power Select Table for selection criteria.
1, 5
Vdd, Vdd (alt.)
Power supply voltage. Connect either pad1 or pad5 to +5V supply. No choke inductor or bypass capacitor is needed.
6
RF OUT
This pad is AC coupled and matched to 50 Ohms from 3.5 to 7.0 GHz.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Power Select Table
State 1 2 3 4 5 6 Pads Bonded to Ground PS3 & PS7 PS3 & PS8 PS3 & PS9 PS4 & PS7 PS4 & PS8 PS4 & PS9 Typical Idd (mA) 75 62 55 65 50 46 Typical P1dB (dBm) 18.4 17.9 16.4 17.7 16.9 15.5
1 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.1002
MICROWAVE CORPORATION
HMC392
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Assembly Diagram
1
AMPLIFIERS - CHIP
Note: State 5 shown. PS3 and PS7 bonded to ground.
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 35


▲Up To Search▲   

 
Price & Availability of HMC392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X